PART |
Description |
Maker |
MB3778P |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.075 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP16 Switching Regulator Controller
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
LT1076 LT1076CK LT1076CQ LT1076CR LT1076CT LT1076C |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 8.5 A SWITCHING REGULATOR, 125 kHz SWITCHING FREQ-MAX, PZFM7 GT 19C 19#12 SKT PLUG 3.2 A SWITCHING REGULATOR, 125 kHz SWITCHING FREQ-MAX, PSSO7 Step-Down Switching Regulator From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1500 LT1500CS LT1500CS-3 LT1500CS-5 LT1500IS LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.3 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO14 Adaptive-Frequency Current Mode Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SI-8401L SI-8401 SI-8504L SI-8400L SI-8405L SI-850 |
Separate Excitation Switching Type with Coil 1.1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DMA5
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|
LT1956EGN-5TRPBF LT1956EFE-5PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
BD9120HFN BD9106FVM BD9106FVM09 BD9107FVM BD9109FV |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
|
Rohm
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT3493-3 LT3493EDCB-3 |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
LINEAR TECHNOLOGY CORP
|